Part Number Hot Search : 
C2223 MA150 AAMUA RUE300 20200C ON0680 12816 LM317AK
Product Description
Full Text Search
 

To Download FA11C0G2A683JNU0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2015 capacitors type: lead pitch 5.0 mm fa28 [4.0x5.5mm] fa24 [4.5x5.5mm] fa26 [5.5x6.0mm] fa20 [5.5x7.0mm] fa22 [7.5x8.5mm] lead pitch 2.5 mm fa18 [4.0x5.5mm] fa14 [4.5x5.5mm] fa16 [5.5x6.0mm] fa11 [5.5x7.0mm] mlcc with dipped radial lead (halogen-free, automotive grade) fa series
(2/30) 20150731 / leadmlcc_halogenfree_fa_en.fm capacitors reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and product temperat ure does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in automotive electronic equipment under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for automotive-purpose applications, you are kindly requested to take into consideration sec uring protection circuit/device or providing backup circuits in your equipment. reminders
(3/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors mlcc with dipped radial lead halogen-free, automotive grade features a complete lineup with a rated voltage of 25v to 630v. compatible with a wide capacitance range of 1pf to 22f. the fa series for automotive use is aec-q200 compliant. application noise reduction measures for various motors for automotive use resonant circuits in areas such as keyless entry systems bypass capacitors such as for switching power sources, smoothing capacitors, etc. snubber circuits pfc input filters part number construction  applicable capacitance range: max. 10 pf for c and d, over 10 pf for j, k, and m.  applied to the tdks standard specification products. operating temperature range  the storage temperature range is for after the circuit board is mounted. overview of the fa series fa 2 8 c0g 1h 010 c ??? ? series name lead pitch (mm) lxwxt dimensions (mm) capacitance temperature characteristics rated voltage (v) nominal capacitance (pf) capacitance tolerance  internal code packaging style  1 2.5 8 4.0x5.5x2.5 c0g 030ppm/c 1e 25 010 1 c 0.25pf 0 bulk 2 5.0 4 4.5x5.5x3.0 x7r 15% 1h 50 100 10 d 0.5pf 6 taping 6 5.5x6.0x3.5 x7s 22% 2a 100 101 100 j 5% 0 5.5x7.0x4.0 x7t +22, C33% 2e 250 102 1,000 k 10% 1 5.5x7.0x4.0 2w 450 m 20% 2 7.5x8.5x4.5 2j 630 capacitance temperature characteristics temperature range operating temperature storage temperature  (c) (c) c0g, x7r, x7s, x7t C55 to +125 C55 to +125 product compatible with rohs directive halogen-free rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors overview of the fa series package quantity type package quantity taping (pieces / box) bulk (pieces / bag) fa28 2000 500 fa24 2000 500 fa26 2000 500 fa20 1500 500 fa22 1000 500 fa18 2000 500 fa14 2000 500 fa16 2000 500 fa11 1500 500
(5/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors overview of the fa series recommended flow profile preheating peak natural cooling temp. time temp. time time t1 t1 t2 t2 t3 110c min. over 60s. 260c within 5s. over 60s. natural cooling preheating soldering t2 t1 t: time t1 t2 t3 t: temperature
(6/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa28 type shape & dimensions 4.0max. 5.01.0 5.5max. 7.02.0 2.5max. ?0.5 +0.10 C0.03 dimensions in mm
(7/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa28 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 1.0pf 0.25pf 50 fa28c0g1h010cnu0 ?  c0g 1.5pf 0.25pf 50 fa28c0g1h1r5cnu0 ? c0g 2.2pf 0.25pf 50 fa28c0g1h2r2cnu0 ? c0g 3.3pf 0.25pf 50 fa28c0g1h3r3cnu0 ? c0g 4.7pf 0.25pf 50 fa28c0g1h4r7cnu0 ? c0g 6.8pf 0.5pf 50 fa28c0g1h6r8dnu0 ? c0g 10pf 0.5pf 50 fa28c0g1h100dnu0 ? c0g 15pf 5 ? 50 fa28c0g1h150jnu0 ? c0g 22pf 5 ? 50 fa28c0g1h220jnu0 ? c0g 33pf 5 ? 50 fa28c0g1h330jnu0 ? c0g 47pf 5 ? 50 fa28c0g1h470jnu0 ? c0g 68pf 5 ? 50 fa28c0g1h680jnu0 ? c0g 100pf 5 ? 50 fa28c0g1h101jnu0 ? c0g 120pf 5 ? 50 fa28c0g1h121jnu0 ? c0g 150pf 5 ? 50 fa28c0g1h151jnu0 ? c0g 180pf 5 ? 50 fa28c0g1h181jnu0 ? c0g 220pf 5 ? 50 fa28c0g1h221jnu0 ? c0g 270pf 5 ? 50 fa28c0g1h271jnu0 ? c0g 330pf 5 ? 50 fa28c0g1h331jnu0 ? c0g 390pf 5 ? 50 fa28c0g1h391jnu0 ? c0g 470pf 5 ? 50 fa28c0g1h471jnu0 ? c0g 560pf 5 ? 50 fa28c0g1h561jnu0 ? c0g 680pf 5 ? 50 fa28c0g1h681jnu0 ? c0g 820pf 5 ? 50 fa28c0g1h821jnu0 ? c0g 1nf 5 ? 50 fa28c0g1h102jnu0 ? c0g 1.2nf 5 ? 50 fa28c0g1h122jnu0 ? c0g 1.5nf 5 ? 50 fa28c0g1h152jnu0 ? c0g 1.8nf 5 ? 50 fa28c0g1h182jnu0 ? c0g 2.2nf 5 ? 50 fa28c0g1h222jnu0 ? c0g 2.7nf 5 ? 50 fa28c0g1h272jnu0 ? c0g 3.3nf 5 ? 50 fa28c0g1h332jnu0 ? c0g 3.9nf 5 ? 50 fa28c0g1h392jnu0 ? c0g 4.7nf 5 ? 50 fa28c0g1h472jnu0 ? c0g 5.6nf 5 ? 50 fa28c0g1h562jnu0 ? c0g 6.8nf 5 ? 50 fa28c0g1h682jnu0 ? c0g 8.2nf 5 ? 50 fa28c0g1h822jnu0 ? c0g 10nf 5 ? 50 fa28c0g1h103jnu0 ? c0g 1.0pf 0.25pf 100 fa28c0g2a010cnu0 ? c0g 1.5pf 0.25pf 100 fa28c0g2a1r5cnu0 ? c0g 2.2pf 0.25pf 100 fa28c0g2a2r2cnu0 ? c0g 3.3pf 0.25pf 100 fa28c0g2a3r3cnu0 ? c0g 4.7pf 0.25pf 100 fa28c0g2a4r7cnu0 ? c0g 6.8pf 0.5pf 100 fa28c0g2a6r8dnu0 ? c0g 10pf 0.5pf 100 fa28c0g2a100dnu0 ? c0g 15pf 5 ? 100 fa28c0g2a150jnu0 ? c0g 22pf 5 ? 100 fa28c0g2a220jnu0 ? c0g 33pf 5 ? 100 fa28c0g2a330jnu0 ? c0g 47pf 5 ? 100 fa28c0g2a470jnu0 ? c0g 68pf 5 ? 100 fa28c0g2a680jnu0 ? c0g 100pf 5 ? 100 fa28c0g2a101jnu0 ?
(8/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa28 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 120pf 5 ? 100 fa28c0g2a121jnu0 ?  c0g 150pf 5 ? 100 fa28c0g2a151jnu0 ? c0g 180pf 5 ? 100 fa28c0g2a181jnu0 ? c0g 220pf 5 ? 100 fa28c0g2a221jnu0 ? c0g 270pf 5 ? 100 fa28c0g2a271jnu0 ? c0g 330pf 5 ? 100 fa28c0g2a331jnu0 ? c0g 390pf 5 ? 100 fa28c0g2a391jnu0 ? c0g 470pf 5 ? 100 fa28c0g2a471jnu0 ? c0g 560pf 5 ? 100 fa28c0g2a561jnu0 ? c0g 680pf 5 ? 100 fa28c0g2a681jnu0 ? c0g 820pf 5 ? 100 fa28c0g2a821jnu0 ? c0g 1nf 5 ? 100 fa28c0g2a102jnu0 ? c0g 1.2nf 5 ? 100 fa28c0g2a122jnu0 ? c0g 1.5nf 5 ? 100 fa28c0g2a152jnu0 ? c0g 1.8nf 5 ? 100 fa28c0g2a182jnu0 ? c0g 2.2nf 5 ? 100 fa28c0g2a222jnu0 ? c0g 2.7nf 5 ? 100 fa28c0g2a272jnu0 ? c0g 3.3nf 5 ? 100 fa28c0g2a332jnu0 ? c0g 100pf 5 ? 250 fa28c0g2e101jnu0 ? c0g 120pf 5 ? 250 fa28c0g2e121jnu0 ? c0g 150pf 5 ? 250 fa28c0g2e151jnu0 ? c0g 180pf 5 ? 250 fa28c0g2e181jnu0 ? c0g 220pf 5 ? 250 fa28c0g2e221jnu0 ? c0g 270pf 5 ? 250 fa28c0g2e271jnu0 ? c0g 330pf 5 ? 250 fa28c0g2e331jnu0 ? c0g 390pf 5 ? 250 fa28c0g2e391jnu0 ? c0g 470pf 5 ? 250 fa28c0g2e471jnu0 ? c0g 560pf 5 ? 250 fa28c0g2e561jnu0 ? c0g 680pf 5 ? 250 fa28c0g2e681jnu0 ? c0g 820pf 5 ? 250 fa28c0g2e821jnu0 ? c0g 1nf 5 ? 250 fa28c0g2e102jnu0 ? c0g 1.2nf 5 ? 250 fa28c0g2e122jnu0 ? c0g 1.5nf 5 ? 250 fa28c0g2e152jnu0 ? c0g 1.8nf 5 ? 250 fa28c0g2e182jnu0 ? c0g 2.2nf 5 ? 250 fa28c0g2e222jnu0 ?
(9/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa28 type electrical characteristics characteristics specification table class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 150nf 10 ? 25 fa28x7r1e154knu0 ? x7r 680nf 10 ? 25 fa28x7r1e684kru0 ? x7r 1uf 10 ? 25 fa28x7r1e105kru0 ? x7r 1nf 10 ? 50 fa28x7r1h102knu0 ? x7r 1.5nf 10 ? 50 fa28x7r1h152knu0 ? x7r 2.2nf 10 ? 50 fa28x7r1h222knu0 ? x7r 3.3nf 10 ? 50 fa28x7r1h332knu0 ? x7r 4.7nf 10 ? 50 fa28x7r1h472knu0 ? x7r 6.8nf 10 ? 50 fa28x7r1h682knu0 ? x7r 10nf 10 ? 50 fa28x7r1h103knu0 ? x7r 15nf 10 ? 50 fa28x7r1h153knu0 ? x7r 22nf 10 ? 50 fa28x7r1h223knu0 ? x7r 33nf 10 ? 50 fa28x7r1h333knu0 ? x7r 47nf 10 ? 50 fa28x7r1h473knu0 ? x7r 68nf 10 ? 50 fa28x7r1h683knu0 ? x7r 100nf 10 ? 50 fa28x7r1h104knu0 ? x7r 150nf 10 ? 50 fa28x7r1h154kru0 ? x7r 220nf 10 ? 50 fa28x7r1h224kru0 ? x7r 330nf 10 ? 50 fa28x7r1h334kru0 ? x7r 470nf 10 ? 50 fa28x7r1h474kru0 ? x7r 1nf 10 ? 100 fa28x7r2a102knu0 ? x7r 1.5nf 10 ? 100 fa28x7r2a152knu0 ? x7r 2.2nf 10 ? 100 fa28x7r2a222knu0 ? x7r 3.3nf 10 ? 100 fa28x7r2a332knu0 ? x7r 4.7nf 10 ? 100 fa28x7r2a472knu0 ? x7r 6.8nf 10 ? 100 fa28x7r2a682knu0 ? x7r 10nf 10 ? 100 fa28x7r2a103knu0 ? x7r 15nf 10 ? 100 fa28x7r2a153knu0 ? x7r 22nf 10 ? 100 fa28x7r2a223knu0 ? x7s 33nf 10 ? 100 fa28x7s2a333kru0 ? x7s 47nf 10 ? 100 fa28x7s2a473kru0 ? x7s 68nf 10 ? 100 fa28x7s2a683kru0 ? x7s 100nf 10 ? 100 fa28x7s2a104kru0 ?
(10/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa24 type shape & dimensions 4.5max. 5.01.0 5.5max. 7.02.0 3.0max. ?0.5 +0.10 C0.03 dimensions in mm
(11/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa24 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 15nf 5 ? 50 fa24c0g1h153jnu0 ?  c0g 22nf 5 ? 50 fa24c0g1h223jnu0 ? c0g 33nf 5 ? 50 fa24c0g1h333jnu0 ? c0g 3.9nf 5 ? 100 fa24c0g2a392jnu0 ? c0g 4.7nf 5 ? 100 fa24c0g2a472jnu0 ? c0g 5.6nf 5 ? 100 fa24c0g2a562jnu0 ? c0g 6.8nf 5 ? 100 fa24c0g2a682jnu0 ? c0g 8.2nf 5 ? 100 fa24c0g2a822jnu0 ? c0g 10nf 5 ? 100 fa24c0g2a103jnu0 ? c0g 2.7nf 5 ? 250 fa24c0g2e272jnu0 ? c0g 3.3nf 5 ? 250 fa24c0g2e332jnu0 ? c0g 3.9nf 5 ? 250 fa24c0g2e392jnu0 ? c0g 4.7nf 5 ? 250 fa24c0g2e472jnu0 ? c0g 5.6nf 5 ? 250 fa24c0g2e562jnu0 ? c0g 6.8nf 5 ? 250 fa24c0g2e682jnu0 ? c0g 8.2nf 5 ? 250 fa24c0g2e822jnu0 ? c0g 10nf 5 ? 250 fa24c0g2e103jnu0 ? c0g 100pf 5 ? 450 fa24c0g2w101jnu0 ? c0g 120pf 5 ? 450 fa24c0g2w121jnu0 ? c0g 150pf 5 ? 450 fa24c0g2w151jnu0 ? c0g 180pf 5 ? 450 fa24c0g2w181jnu0 ? c0g 220pf 5 ? 450 fa24c0g2w221jnu0 ? c0g 270pf 5 ? 450 fa24c0g2w271jnu0 ? c0g 330pf 5 ? 450 fa24c0g2w331jnu0 ? c0g 390pf 5 ? 450 fa24c0g2w391jnu0 ? c0g 470pf 5 ? 450 fa24c0g2w471jnu0 ? c0g 560pf 5 ? 450 fa24c0g2w561jnu0 ? c0g 680pf 5 ? 450 fa24c0g2w681jnu0 ? c0g 820pf 5 ? 450 fa24c0g2w821jnu0 ? c0g 1nf 5 ? 450 fa24c0g2w102jnu0 ? c0g 1.2nf 5 ? 450 fa24c0g2w122jnu0 ? c0g 1.5nf 5 ? 450 fa24c0g2w152jnu0 ? c0g 1.8nf 5 ? 450 fa24c0g2w182jnu0 ? c0g 2.2nf 5 ? 450 fa24c0g2w222jnu0 ? c0g 2.7nf 5 ? 450 fa24c0g2w272jnu0 ? c0g 3.3nf 5 ? 450 fa24c0g2w332jnu0 ? c0g 3.9nf 5 ? 450 fa24c0g2w392jnu0 ? c0g 4.7nf 5 ? 450 fa24c0g2w472jnu0 ? c0g 5.6nf 5 ? 450 fa24c0g2w562jnu0 ?
(12/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa24 type electrical characteristics characteristics specification table class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 470nf 10 ? 25 fa24x7r1e474knu0 ? x7r 3.3uf 10 ? 25 fa24x7r1e335kru0 ? x7r 4.7uf 10 ? 25 fa24x7r1e475kru0 ? x7r 150nf 10 ? 50 fa24x7r1h154knu0 ? x7r 220nf 10 ? 50 fa24x7r1h224knu0 ? x7r 330nf 10 ? 50 fa24x7r1h334knu0 ? x7r 680nf 10 ? 50 fa24x7r1h684kru0 ? x7r 1uf 10 ? 50 fa24x7r1h105kru0 ? x7r 1.5uf 10 ? 50 fa24x7r1h155kru0 ? x7r 2.2uf 10 ? 50 fa24x7r1h225kru0 ? x7r 33nf 10 ? 100 fa24x7r2a333knu0 ? x7r 47nf 10 ? 100 fa24x7r2a473knu0 ? x7r 68nf 10 ? 100 fa24x7r2a683knu0 ? x7r 100nf 10 ? 100 fa24x7r2a104knu0 ? x7r 1nf 10 ? 250 fa24x7r2e102knu0 ? x7r 1.5nf 10 ? 250 fa24x7r2e152knu0 ? x7r 2.2nf 10 ? 250 fa24x7r2e222knu0 ? x7r 3.3nf 10 ? 250 fa24x7r2e332knu0 ? x7r 4.7nf 10 ? 250 fa24x7r2e472knu0 ? x7r 6.8nf 10 ? 250 fa24x7r2e682knu0 ? x7r 10nf 10 ? 250 fa24x7r2e103knu0 ? x7r 15nf 10 ? 250 fa24x7r2e153knu0 ? x7r 22nf 10 ? 250 fa24x7r2e223knu0 ? x7s 150nf 10 ? 100 fa24x7s2a154kru0 ? x7s 220nf 10 ? 100 fa24x7s2a224kru0 ? x7s 330nf 10 ? 100 fa24x7s2a334kru0 ? x7s 470nf 10 ? 100 fa24x7s2a474kru0 ? x7s 680nf 10 ? 100 fa24x7s2a684kru0 ? x7s 1uf 10 ? 100 fa24x7s2a105kru0 ? x7t 33nf 10 ? 250 fa24x7t2e333knu0 ? x7t 47nf 10 ? 250 fa24x7t2e473knu0 ? x7t 68nf 10 ? 250 fa24x7t2e683knu0 ? x7t 100nf 10 ? 250 fa24x7t2e104knu0 ?
(13/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa26 type shape & dimensions 5.5max. 5.01.0 6.0max. 7.02.0 3.5max. ?0.5 +0.10 C0.03 dimensions in mm
(14/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa26 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 47nf 5 ? 50 fa26c0g1h473jnu0 ?  c0g 68nf 5 ? 50 fa26c0g1h683jnu0 ? c0g 100nf 5 ? 50 fa26c0g1h104jnu0 ? c0g 15nf 5 ? 100 fa26c0g2a153jnu0 ? c0g 22nf 5 ? 100 fa26c0g2a223jnu0 ? c0g 33nf 5 ? 100 fa26c0g2a333jnu0 ? c0g 15nf 5 ? 250 fa26c0g2e153jnu0 ? c0g 22nf 5 ? 250 fa26c0g2e223jnu0 ? c0g 6.8nf 5 ? 450 fa26c0g2w682jnu0 ? c0g 8.2nf 5 ? 450 fa26c0g2w822jnu0 ? c0g 10nf 5 ? 450 fa26c0g2w103jnu0 ? c0g 15nf 5 ? 450 fa26c0g2w153jnu0 ? c0g 100pf 5 ? 630 fa26c0g2j101jnu0 ? c0g 120pf 5 ? 630 fa26c0g2j121jnu0 ? c0g 150pf 5 ? 630 fa26c0g2j151jnu0 ? c0g 180pf 5 ? 630 fa26c0g2j181jnu0 ? c0g 220pf 5 ? 630 fa26c0g2j221jnu0 ? c0g 270pf 5 ? 630 fa26c0g2j271jnu0 ? c0g 330pf 5 ? 630 fa26c0g2j331jnu0 ? c0g 390pf 5 ? 630 fa26c0g2j391jnu0 ? c0g 470pf 5 ? 630 fa26c0g2j471jnu0 ? c0g 560pf 5 ? 630 fa26c0g2j561jnu0 ? c0g 680pf 5 ? 630 fa26c0g2j681jnu0 ? c0g 820pf 5 ? 630 fa26c0g2j821jnu0 ? c0g 1nf 5 ? 630 fa26c0g2j102jnu0 ? c0g 1.2nf 5 ? 630 fa26c0g2j122jnu0 ? c0g 1.5nf 5 ? 630 fa26c0g2j152jnu0 ? c0g 1.8nf 5 ? 630 fa26c0g2j182jnu0 ? c0g 2.2nf 5 ? 630 fa26c0g2j222jnu0 ? c0g 2.7nf 5 ? 630 fa26c0g2j272jnu0 ? c0g 3.3nf 5 ? 630 fa26c0g2j332jnu0 ? c0g 3.9nf 5 ? 630 fa26c0g2j392jnu0 ? c0g 4.7nf 5 ? 630 fa26c0g2j472jnu0 ? c0g 5.6nf 5 ? 630 fa26c0g2j562jnu0 ? c0g 6.8nf 5 ? 630 fa26c0g2j682jnu0 ? c0g 8.2nf 5 ? 630 fa26c0g2j822jnu0 ? c0g 10nf 5 ? 630 fa26c0g2j103jnu0 ?
(15/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa26 type electrical characteristics characteristics specification table class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 1uf 10 ? 25 fa26x7r1e105knu0 ?  x7r 1.5uf 10 ? 25 fa26x7r1e155knu0 ? x7r 2.2uf 10 ? 25 fa26x7r1e225knu0 ? x7r 6.8uf 10 ? 25 fa26x7r1e685kru0 ? x7r 10uf 10 ? 25 fa26x7r1e106kru0 ? x7r 470nf 10 ? 50 fa26x7r1h474knu0 ? x7r 680nf 10 ? 50 fa26x7r1h684knu0 ? x7r 3.3uf 10 ? 50 fa26x7r1h335kru0 ? x7r 4.7uf 10 ? 50 fa26x7r1h475kru0 ? x7r 150nf 10 ? 100 fa26x7r2a154knu0 ? x7r 220nf 10 ? 100 fa26x7r2a224knu0 ? x7r 330nf 10 ? 100 fa26x7r2a334knu0 ? x7r 470nf 10 ? 100 fa26x7r2a474knu0 ? x7r 680nf 10 ? 100 fa26x7r2a684knu0 ? x7r 1uf 10 ? 100 fa26x7r2a105knu0 ? x7r 33nf 10 ? 250 fa26x7r2e333knu0 ? x7r 47nf 10 ? 250 fa26x7r2e473knu0 ? x7r 68nf 10 ? 250 fa26x7r2e683knu0 ? x7r 100nf 10 ? 250 fa26x7r2e104knu0 ? x7r 1nf 10 ? 630 fa26x7r2j102knu0 ? x7r 1.5nf 10 ? 630 fa26x7r2j152knu0 ? x7r 2.2nf 10 ? 630 fa26x7r2j222knu0 ? x7r 3.3nf 10 ? 630 fa26x7r2j332knu0 ? x7r 4.7nf 10 ? 630 fa26x7r2j472knu0 ? x7r 6.8nf 10 ? 630 fa26x7r2j682knu0 ? x7r 10nf 10 ? 630 fa26x7r2j103knu0 ? x7r 15nf 10 ? 630 fa26x7r2j153knu0 ? x7r 22nf 10 ? 630 fa26x7r2j223knu0 ? x7r 33nf 10 ? 630 fa26x7r2j333knu0 ? x7s 1.5uf 10 ? 100 fa26x7s2a155kru0 ? x7s 2.2uf 10 ? 100 fa26x7s2a225kru0 ? x7s 3.3uf 10 ? 100 fa26x7s2a335kru0 ? x7t 150nf 10 ? 250 fa26x7t2e154knu0 ? x7t 220nf 10 ? 250 fa26x7t2e224knu0 ?
(16/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa20 type shape & dimensions 5.5max. 5.01.0 7.0max. 7.02.0 4.0max. ?0.5 +0.10 C0.03 dimensions in mm
(17/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa20 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 47nf 5 ? 100 fa20c0g2a473jnu0 ?  c0g 68nf 5 ? 100 fa20c0g2a683jnu0 ? c0g 33nf 5 ? 250 fa20c0g2e333jnu0 ? c0g 47nf 5 ? 250 fa20c0g2e473jnu0 ? c0g 22nf 5 ? 450 fa20c0g2w223jnu0 ? c0g 33nf 5 ? 450 fa20c0g2w333jnu0 ? c0g 15nf 5 ? 630 fa20c0g2j153jnu0 ? c0g 22nf 5 ? 630 fa20c0g2j223jnu0 ? c0g 33nf 5 ? 630 fa20c0g2j333jnu0 ? temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 3.3uf 10 ? 25 fa20x7r1e335knu0 ?  x7r 4.7uf 10 ? 25 fa20x7r1e475knu0 ? x7r 1uf 10 ? 50 fa20x7r1h105knu0 ? x7r 1.5uf 10 ? 50 fa20x7r1h155knu0 ? x7r 1.5uf 10 ? 100 fa20x7r2a155kru0 ? x7r 2.2uf 10 ? 100 fa20x7r2a225kru0 ? x7r 150nf 10 ? 250 fa20x7r2e154knu0 ? x7r 220nf 10 ? 250 fa20x7r2e224knu0 ? x7r 47nf 10 ? 630 fa20x7r2j473knu0 ? x7r 68nf 10 ? 630 fa20x7r2j683knu0 ? x7s 6.8uf 10 ? 50 fa20x7s1h685kru0 ? x7s 10uf 10 ? 50 fa20x7s1h106kru0 ? x7s 4.7uf 10 ? 100 fa20x7s2a475kru0 ? x7t 330nf 10 ? 250 fa20x7t2e334knu0 ?
(18/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa22 type shape & dimensions dimensions in mm 7.5max. 5.01.0 8.5max. 7.02.0 4.5max. ?0.5 +0.10 C0.03
(19/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa22 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 150nf 5 ? 50 fa22c0g1h154jnu0 ?  c0g 220nf 5 ? 50 fa22c0g1h224jnu0 ? c0g 100nf 5 ? 100 fa22c0g2a104jnu0 ? c0g 68nf 5 ? 250 fa22c0g2e683jru0 ? c0g 100nf 5 ? 250 fa22c0g2e104jru0 ? c0g 47nf 5 ? 450 fa22c0g2w473jnu0 ? c0g 68nf 5 ? 450 fa22c0g2w683jnu0 ? c0g 47nf 5 ? 630 fa22c0g2j473jnu0 ? temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 10uf 10 ? 25 fa22x7r1e106knu0 ?  x7r 15uf 20 ? 25 fa22x7r1e156mru0 ? x7r 22uf 20 ? 25 fa22x7r1e226mru0 ? x7r 2.2uf 10 ? 50 fa22x7r1h225knu0 ? x7r 3.3uf 10 ? 50 fa22x7r1h335knu0 ? x7r 4.7uf 10 ? 50 fa22x7r1h475kru0 ? x7r 6.8uf 10 ? 50 fa22x7r1h685kru0 ? x7r 1.5uf 10 ? 100 fa22x7r2a155knu0 ? x7r 2.2uf 10 ? 100 fa22x7r2a225knu0 ? x7r 330nf 10 ? 250 fa22x7r2e334knu0 ? x7r 470nf 10 ? 250 fa22x7r2e474knu0 ? x7r 100nf 10 ? 630 fa22x7r2j104knu0 ? x7t 680nf 10 ? 250 fa22x7t2e684knu0 ? x7t 1uf 10 ? 250 fa22x7t2e105knu0 ?
(20/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa18 type shape & dimensions dimensions in mm 4.0max. 2.50.8 5.5max. 7.02.0 2.5max. ?0.5 +0.10 C0.03
(21/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa18 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 1.0pf 0.25pf 50 fa18c0g1h010cnu0 ?  c0g 1.5pf 0.25pf 50 fa18c0g1h1r5cnu0 ? c0g 2.2pf 0.25pf 50 fa18c0g1h2r2cnu0 ? c0g 3.3pf 0.25pf 50 fa18c0g1h3r3cnu0 ? c0g 4.7pf 0.25pf 50 fa18c0g1h4r7cnu0 ? c0g 6.8pf 0.5pf 50 fa18c0g1h6r8dnu0 ? c0g 10pf 0.5pf 50 fa18c0g1h100dnu0 ? c0g 15pf 5 ? 50 fa18c0g1h150jnu0 ? c0g 22pf 5 ? 50 fa18c0g1h220jnu0 ? c0g 33pf 5 ? 50 fa18c0g1h330jnu0 ? c0g 47pf 5 ? 50 fa18c0g1h470jnu0 ? c0g 68pf 5 ? 50 fa18c0g1h680jnu0 ? c0g 100pf 5 ? 50 fa18c0g1h101jnu0 ? c0g 120pf 5 ? 50 fa18c0g1h121jnu0 ? c0g 150pf 5 ? 50 fa18c0g1h151jnu0 ? c0g 180pf 5 ? 50 fa18c0g1h181jnu0 ? c0g 220pf 5 ? 50 fa18c0g1h221jnu0 ? c0g 270pf 5 ? 50 fa18c0g1h271jnu0 ? c0g 330pf 5 ? 50 fa18c0g1h331jnu0 ? c0g 390pf 5 ? 50 fa18c0g1h391jnu0 ? c0g 470pf 5 ? 50 fa18c0g1h471jnu0 ? c0g 560pf 5 ? 50 fa18c0g1h561jnu0 ? c0g 680pf 5 ? 50 fa18c0g1h681jnu0 ? c0g 820pf 5 ? 50 fa18c0g1h821jnu0 ? c0g 1nf 5 ? 50 fa18c0g1h102jnu0 ? c0g 1.2nf 5 ? 50 fa18c0g1h122jnu0 ? c0g 1.5nf 5 ? 50 fa18c0g1h152jnu0 ? c0g 1.8nf 5 ? 50 fa18c0g1h182jnu0 ? c0g 2.2nf 5 ? 50 fa18c0g1h222jnu0 ? c0g 2.7nf 5 ? 50 fa18c0g1h272jnu0 ? c0g 3.3nf 5 ? 50 fa18c0g1h332jnu0 ? c0g 3.9nf 5 ? 50 fa18c0g1h392jnu0 ? c0g 4.7nf 5 ? 50 fa18c0g1h472jnu0 ? c0g 5.6nf 5 ? 50 fa18c0g1h562jnu0 ? c0g 6.8nf 5 ? 50 fa18c0g1h682jnu0 ? c0g 8.2nf 5 ? 50 fa18c0g1h822jnu0 ? c0g 10nf 5 ? 50 fa18c0g1h103jnu0 ? c0g 1.0pf 0.25pf 100 fa18c0g2a010cnu0 ? c0g 1.5pf 0.25pf 100 fa18c0g2a1r5cnu0 ? c0g 2.2pf 0.25pf 100 fa18c0g2a2r2cnu0 ? c0g 3.3pf 0.25pf 100 fa18c0g2a3r3cnu0 ? c0g 4.7pf 0.25pf 100 fa18c0g2a4r7cnu0 ? c0g 6.8pf 0.5pf 100 fa18c0g2a6r8dnu0 ? c0g 10pf 0.5pf 100 fa18c0g2a100dnu0 ? c0g 15pf 5 ? 100 fa18c0g2a150jnu0 ? c0g 22pf 5 ? 100 fa18c0g2a220jnu0 ? c0g 33pf 5 ? 100 fa18c0g2a330jnu0 ? c0g 47pf 5 ? 100 fa18c0g2a470jnu0 ? c0g 68pf 5 ? 100 fa18c0g2a680jnu0 ? c0g 100pf 5 ? 100 fa18c0g2a101jnu0 ?
(22/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa18 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 120pf 5 ? 100 fa18c0g2a121jnu0 ?  c0g 150pf 5 ? 100 fa18c0g2a151jnu0 ? c0g 180pf 5 ? 100 fa18c0g2a181jnu0 ? c0g 220pf 5 ? 100 fa18c0g2a221jnu0 ? c0g 270pf 5 ? 100 fa18c0g2a271jnu0 ? c0g 330pf 5 ? 100 fa18c0g2a331jnu0 ? c0g 390pf 5 ? 100 fa18c0g2a391jnu0 ? c0g 470pf 5 ? 100 fa18c0g2a471jnu0 ? c0g 560pf 5 ? 100 fa18c0g2a561jnu0 ? c0g 680pf 5 ? 100 fa18c0g2a681jnu0 ? c0g 820pf 5 ? 100 fa18c0g2a821jnu0 ? c0g 1nf 5 ? 100 fa18c0g2a102jnu0 ? c0g 1.2nf 5 ? 100 fa18c0g2a122jnu0 ? c0g 1.5nf 5 ? 100 fa18c0g2a152jnu0 ? c0g 1.8nf 5 ? 100 fa18c0g2a182jnu0 ? c0g 2.2nf 5 ? 100 fa18c0g2a222jnu0 ? c0g 2.7nf 5 ? 100 fa18c0g2a272jnu0 ? c0g 3.3nf 5 ? 100 fa18c0g2a332jnu0 ?
(23/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa18 type electrical characteristics characteristics specification table class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 150nf 10 ? 25 fa18x7r1e154knu0 ?  x7r 680nf 10 ? 25 fa18x7r1e684kru0 ? x7r 1uf 10 ? 25 fa18x7r1e105kru0 ? x7r 1nf 10 ? 50 fa18x7r1h102knu0 ? x7r 1.5nf 10 ? 50 fa18x7r1h152knu0 ? x7r 2.2nf 10 ? 50 fa18x7r1h222knu0 ? x7r 3.3nf 10 ? 50 fa18x7r1h332knu0 ? x7r 4.7nf 10 ? 50 fa18x7r1h472knu0 ? x7r 6.8nf 10 ? 50 fa18x7r1h682knu0 ? x7r 10nf 10 ? 50 fa18x7r1h103knu0 ? x7r 15nf 10 ? 50 fa18x7r1h153knu0 ? x7r 22nf 10 ? 50 fa18x7r1h223knu0 ? x7r 33nf 10 ? 50 fa18x7r1h333knu0 ? x7r 47nf 10 ? 50 fa18x7r1h473knu0 ? x7r 68nf 10 ? 50 fa18x7r1h683knu0 ? x7r 100nf 10 ? 50 fa18x7r1h104knu0 ? x7r 150nf 10 ? 50 fa18x7r1h154kru0 ? x7r 220nf 10 ? 50 fa18x7r1h224kru0 ? x7r 330nf 10 ? 50 fa18x7r1h334kru0 ? x7r 470nf 10 ? 50 fa18x7r1h474kru0 ? x7r 1nf 10 ? 100 fa18x7r2a102knu0 ? x7r 1.5nf 10 ? 100 fa18x7r2a152knu0 ? x7r 2.2nf 10 ? 100 fa18x7r2a222knu0 ? x7r 3.3nf 10 ? 100 fa18x7r2a332knu0 ? x7r 4.7nf 10 ? 100 fa18x7r2a472knu0 ? x7r 6.8nf 10 ? 100 fa18x7r2a682knu0 ? x7r 10nf 10 ? 100 fa18x7r2a103knu0 ? x7r 15nf 10 ? 100 fa18x7r2a153knu0 ? x7r 22nf 10 ? 100 fa18x7r2a223knu0 ? x7s 33nf 10 ? 100 fa18x7s2a333kru0 ? x7s 47nf 10 ? 100 fa18x7s2a473kru0 ? x7s 68nf 10 ? 100 fa18x7s2a683kru0 ? x7s 100nf 10 ? 100 fa18x7s2a104kru0 ?
(24/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa14 type shape & dimensions dimensions in mm 4.5max. 2.50.8 5.5max. 7.02.0 3.0max. ?0.5 +0.10 C0.03
(25/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa14 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). characteristics specification table class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 15nf 5 ? 50 fa14c0g1h153jnu0 ? c0g 22nf 5 ? 50 fa14c0g1h223jnu0 ? c0g 33nf 5 ? 50 fa14c0g1h333jnu0 ? c0g 3.9nf 5 ? 100 fa14c0g2a392jnu0 ? c0g 4.7nf 5 ? 100 fa14c0g2a472jnu0 ? c0g 5.6nf 5 ? 100 fa14c0g2a562jnu0 ? c0g 6.8nf 5 ? 100 fa14c0g2a682jnu0 ? c0g 8.2nf 5 ? 100 fa14c0g2a822jnu0 ? c0g 10nf 5 ? 100 fa14c0g2a103jnu0 ? temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 470nf 10 ? 25 fa14x7r1e474knu0 ?  x7r 3.3uf 10 ? 25 fa14x7r1e335kru0 ? x7r 4.7uf 10 ? 25 fa14x7r1e475kru0 ? x7r 150nf 10 ? 50 fa14x7r1h154knu0 ? x7r 220nf 10 ? 50 fa14x7r1h224knu0 ? x7r 330nf 10 ? 50 fa14x7r1h334knu0 ? x7r 680nf 10 ? 50 fa14x7r1h684kru0 ? x7r 1uf 10 ? 50 fa14x7r1h105kru0 ? x7r 1.5uf 10 ? 50 fa14x7r1h155kru0 ? x7r 2.2uf 10 ? 50 fa14x7r1h225kru0 ? x7r 33nf 10 ? 100 fa14x7r2a333knu0 ? x7r 47nf 10 ? 100 fa14x7r2a473knu0 ? x7r 68nf 10 ? 100 fa14x7r2a683knu0 ? x7r 100nf 10 ? 100 fa14x7r2a104knu0 ? x7s 150nf 10 ? 100 fa14x7s2a154kru0 ? x7s 220nf 10 ? 100 fa14x7s2a224kru0 ? x7s 330nf 10 ? 100 fa14x7s2a334kru0 ? x7s 470nf 10 ? 100 fa14x7s2a474kru0 ? x7s 680nf 10 ? 100 fa14x7s2a684kru0 ? x7s 1uf 10 ? 100 fa14x7s2a105kru0 ?
(26/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa16 type shape & dimensions dimensions in mm 5.5max. 2.50.8 6.0max. 7.02.0 3.5max. ?0.5 +0.10 C0.03
(27/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa16 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). characteristics specification table class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 47nf 5 ? 50 fa16c0g1h473jnu0 ?  c0g 68nf 5 ? 50 fa16c0g1h683jnu0 ? c0g 100nf 5 ? 50 fa16c0g1h104jnu0 ? c0g 15nf 5 ? 100 fa16c0g2a153jnu0 ? c0g 22nf 5 ? 100 fa16c0g2a223jnu0 ? c0g 33nf 5 ? 100 fa16c0g2a333jnu0 ? temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 1uf 10 ? 25 fa16x7r1e105knu0 ?  x7r 1.5uf 10 ? 25 fa16x7r1e155knu0 ? x7r 2.2uf 10 ? 25 fa16x7r1e225knu0 ? x7r 6.8uf 10 ? 25 fa16x7r1e685kru0 ? x7r 10uf 10 ? 25 fa16x7r1e106kru0 ? x7r 470nf 10 ? 50 fa16x7r1h474knu0 ? x7r 680nf 10 ? 50 fa16x7r1h684knu0 ? x7r 3.3uf 10 ? 50 fa16x7r1h335kru0 ? x7r 4.7uf 10 ? 50 fa16x7r1h475kru0 ? x7r 150nf 10 ? 100 fa16x7r2a154knu0 ? x7r 220nf 10 ? 100 fa16x7r2a224knu0 ? x7r 330nf 10 ? 100 fa16x7r2a334knu0 ? x7r 470nf 10 ? 100 fa16x7r2a474knu0 ? x7r 680nf 10 ? 100 fa16x7r2a684knu0 ? x7r 1uf 10 ? 100 fa16x7r2a105knu0 ? x7s 1.5uf 10 ? 100 fa16x7s2a155kru0 ? x7s 2.2uf 10 ? 100 fa16x7s2a225kru0 ? x7s 3.3uf 10 ? 100 fa16x7s2a335kru0 ?
(28/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa11 type shape & dimensions dimensions in mm 5.5max. 2.50.8 7.0max. 7.02.0 4.0max. ?0.5 +0.10 C0.03
(29/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors fa11 type electrical characteristics characteristics specification table class 1 (temperatu re compensation) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). class 2 (temperature stable) * the part numbers are tdks standard specification products.  the " ? " of the part number contains the packaging symbol, 0 (bulk packaging) or 6 (taping packaging). temperature characteristics capacitance tolerance rated voltage edc (v) part no.  c0g 47nf 5 ? 100 fa11c0g2a473jnu0 ?  c0g 68nf 5 ? 100 FA11C0G2A683JNU0 ? temperature characteristics capacitance tolerance rated voltage edc (v) part no.  x7r 3.3uf 10 ? 25 fa11x7r1e335knu0 ?  x7r 4.7uf 10 ? 25 fa11x7r1e475knu0 ? x7r 1uf 10 ? 50 fa11x7r1h105knu0 ? x7r 1.5uf 10 ? 50 fa11x7r1h155knu0 ? x7r 1.5uf 10 ? 100 fa11x7r2a155kru0 ? x7r 2.2uf 10 ? 100 fa11x7r2a225kru0 ? x7s 6.8uf 10 ? 50 fa11x7s1h685kru0 ? x7s 10uf 10 ? 50 fa11x7s1h106kru0 ? x7s 4.7uf 10 ? 100 fa11x7s2a475kru0 ?
(30/30) 20150731 / leadmlcc_halogenfree_fa_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors packaging style taping dimensions lead pitch 5.0 mm (fa28, fa24, fa26, fa20, fa22 type)  1 accumulated pitch tolerance shall be 2mm for 20 pitches.  2 adhesive tape shall not stick out from carrier tape.  3 the number of consecutive gaps in the product shall be three or less. lead pitch 2.5 mm (fa18, fa14, fa16, fa11 type)  1 accumulated pitch tolerance shall be 2mm for 20 pitches.  2 adhesive tape shall not stick out from carrier tape.  3 the number of consecutive gaps in the product shall be three or less. ammo pack inner box size symbol dimensions (mm) p 12.71.0 p 0  1 12.70.3 p 1 3.850.7 p 2 6.351.3 w 0 12.01.0 w 1 9.00.5 w 2  2 3.0max. w 3 18.0+1.0, C0.5 h 0 16.00.5 1.0max. t0.60.2 l 0  3 11.0max. f 5.0+0.8, C0.2 ?d ?0.5+0.1, C0.03 ?d ?4.00.2  h02 symbol dimensions (mm) p 12.71.0 p 0  1 12.70.3 p 1 5.10.7 p 2 6.351.3 w 0 12.01.0 w 1 9.00.5 w 2  2 3.0max. w 3 18.0+1.0, C0.5 h 0 16.00.5 1.0max. t0 . 6 0 . 2 l 0  3 11.0max. f 2.5+0.5, C0.2 ?d ?0.5+0.1, C0.03 ?d ?4.00.2  h02 pp 2 l 0 h 0 w 3 w 1 f p 1 p h w 0 w 2 ?d ?d p 0 t p 1 pp 2 l 0 h 0 w 3 w 1 ?d f h ?d t p w 0 w 2 p 0 340max. 50max. 250max. dimensions in mm


▲Up To Search▲   

 
Price & Availability of FA11C0G2A683JNU0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X